Part Number Hot Search : 
48F70 1106FD 15KE130 MAX664 SA20A CD17HS 91MT120K RM78704
Product Description
Full Text Search
 

To Download MMSZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221B - MMSZ5259B
500mW SURFACE MOUNT ZENER DIODE Features
* * * * Planar Die Construction 500mW Power Dissipation General Purpose, Medium Current Ideally Suited for Automated Assembly Processes
H G D
SOD-123 Dim A
J
Min 3.55 2.55 1.40 -- 0.25 -- 0
Max 3.85 2.85 1.70 1.35 -- 0.10 8
Mechanical Data
* * * * * * * * Case: SOD-123, Plastic UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: See Below Weight: 0.01grams (approx.) Ordering Information: See Page 2
B C D E G
A B
0.55 Typical 0.11 Typical
C
E
H J a
All Dimensions in mm
Maximum Ratings
Forward Voltage (Note 2) Power Dissipation
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA (Note 1) (Note 1) VF Pd RqJA Tj, TSTG Value 0.9 500 350 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range Notes:
1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2. 2. Short duration test pulse used to minimize self-heating effect.
Marking Information
XX = Product Type Marking Code (See Page 2) YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
XX
Date Code Key Year Code Month Code Jan 1 1998 J Feb 2 1999 K March 3
YM
2000 L Apr 4
2001 M May 5 Jun 6
2002 N Jul 7 Aug 8
2003 P Sep 9
2004 R Oct O Nov N
2005 S Dec D
DS18010 Rev. 7 - 2
1 of 3 www.diodes.com
MMSZ5221B - MMSZ5259B
Electrical Characteristics
@ TA = 25C unless otherwise specified Test Current IZT Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 Maximum Zener Impedance (Note 3) ZZT
@ IZT
Zener Voltage Range (Note 2) Type Number Type Code Nom (V) MMSZ5221B MMSZ5223B MMSZ5225B MMSZ5226B MMSZ5227B MMSZ5228B MMSZ5229B MMSZ5230B MMSZ5231B MMSZ5232B MMSZ5233B MMSZ5234B MMSZ5235B MMSZ5236B MMSZ5237B MMSZ5238B MMSZ5239B MMSZ5240B MMSZ5241B MMSZ5242B MMSZ5243B MMSZ5245B MMSZ5246B MMSZ5248B MMSZ5250B MMSZ5251B MMSZ5252B MMSZ5254B MMSZ5255B MMSZ5256B MMSZ5257B MMSZ5258B MMSZ5259B Notes: C1 C3 C5 G1 G2 G3 G4 G5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 VZ @ IZT Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.4 7 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05
Maximum Reverse Leakage Current (Note 2) IR mA @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
ZZK @ IZK = 0.25mA W 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz. (Note 4) Packaging SOD-123 Shipping 3000/Tape & Reel
Ordering Information
Device
(Type Number)-7*
* Add "-7" to the appropriate type number in Table 1 above example: 6.2V Zener = MMSZ5234B-7. Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS18010 Rev. 7 - 2
2 of 3 www.diodes.com
MMSZ5221B - MMSZ5259B
0.6
1000
Tj = 25 C
0.5
PD, POWER DISSIPATION (W)
0.4
CT, TOTAL CAPACITANCE (pF)
100
VR = 1V
0.3
0.2
VR = 2V
0.1
10 1
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs Ambient Temperature
10
100
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 2 Total Capacitance vs Nominal Zener Voltage
1000
0.6
0.5
IZ = 1.0mA
PD, POWER DISSIPATION (W)
100
0.4
0.3
10
0.2
0.1
1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 3 Zener Voltage vs. Zener Impedence 100
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs Ambient Temperature
50
30
Tj = 25C 5V6 6V8
Tj = 25C
10 12
40 IZ, ZENER CURRENT (mA)
8V2
IZ, ZENER CURRENT (mA)
20
Test current IZ
15
Nominal Zener Voltage
30
18
20
10
22 27 33 36 39
10
Test Current IZ 20mA
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 5 Zener Breakdown Characteristics 2 10
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 6 Zener Breakdown Characteristics 40
DS18010 Rev. 7 - 2
3 of 3 www.diodes.com
MMSZ5221B - MMSZ5259B


▲Up To Search▲   

 
Price & Availability of MMSZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X